|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHINA SEMICONDUCTOR CORPORATION Spec. No. Rev. PS-ND-0712 A PRODUCT SPECIFICATION Model No CSS-1116E/CSS-1117E Descriptions: 1.0 Inch Single Digit Alphanumeric Display Emitting Color Orange CUSTOMER APPROVED SIGNATURES APPROVED BY CHECKED BY PREPARED BY CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377 OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-8623888 Fax:86-0575-8623112 http://www.csctw.com.tw CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116E/1117E Spec. No. Rev. PS-ND-0712 A Features 1. 1.00 inch (25.4 mm) digit height. 2. Case mold type. 3. RoHs compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket. Device Selection Guide Chip Material GaAsP Emitted Color Orange Part No. CSS-1116E CSS-1117E Package Dimensions - Description Common Anode Common Cathode http://www.csctw.com.tw Page 1/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116E/1117E Spec. No. Rev. PS-ND-0712 A Internal Circuit Diagrams - Absolute Maximum Rating (Ta=25 ) Parameter Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice (duty cycle 1/10, 1kHz) Derating Linear From 25 Per Dice Reverse Voltage Per Dice Operating Temperature Storage Temperature Symbol Pd IAF IPF VR Topr Tstg Rating 70 25 90 0.33 5 -25 ~ +85 -25 ~ +85 Unit mW mA mA mA/ V Solder temperature 1/16 inch below seating plane for 3 seconds at 260 http://www.csctw.com.tw Page 2/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116E/1117E Spec. No. Rev. PS-ND-0712 A Electro-optical Characteristics (Ta=25 ) Parameter Forward Voltage Two Dice (One Dice) Luminous Intensity Per Segment Peak Emission Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio Symbol VF Iv q Min. - Typ. Max. Unit V mcd nm nm A - Condition IF=20mA IF=10mA IF=20mA IF=20mA VR=10V IF=20mA 4.0(2.0) 5.6(2.8) 8 632 35 100 2 1 JS - IV-m http://www.csctw.com.tw Page 3/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116E/1117E Spec. No. Rev. PS-ND-0712 A Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted) http://www.csctw.com.tw Page 4/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116E/1117E Spec. No. Rev. PS-ND-0712 A Package Dimensions CARTON SIZE: L540xW485xH305mm Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw 5/5 Page |
Price & Availability of CSS-1116E |